PART |
Description |
Maker |
PS9851-1-V-F4 PS9851-2-V-F4-A PS9851-1 PS9851-1-A |
Power Resistor; Series:MK; Resistance:10kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Power Resistor; Series:MK; Resistance:100ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RESISTOR, 100K OHM, 1% Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
NEC, Corp. NEC Corp. NEC[NEC]
|
11AK03 11SC01 11CT01 11SD01 11OY01IR 11SM01 11SO01 |
Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:White/Yellow; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:White/Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 11AK03
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
A67L93181E-8.5F A67L83361E A67L83361E-10.0 A67L833 |
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM 12k × 1856 × 36 LVTTL,流通过ZeBL的SRAM Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/14; MW 35C (Heavy); Conductor Material:Copper; Jacket Material:Polyester; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/14; MW 35C (Heavy); Jacket Material:Polythermaleze; Leaded Process Compatible:Yes; Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
EVAL-ADF411XEB1 |
Evaluation Board For PLL Frequency Synthesizer Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|
AD9952YSV-REEL7 |
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
Analog Devices, Inc.
|
1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340C |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 1340-Type Lightwave Receiver
|
Agere Systems
|
BYX135G |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Dark Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper RoHS Compliant: Yes High-voltage car ignition diode
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DTM12G-N DTM12C-N DTM12E-N DTM12-N DTM12-M |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 12A Bidirectional Thyristor
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
VN02AN VN02AN011Y VN02AN012Y 6066 VN02AN_012Y VN02 |
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH SIDE SMART POWER SOLID STATE RELAY From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
C21062106 C2106.21.06 |
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 12, Conductor/Strands: 65/30
|
General Cable Technologies Corporation
|